Part Number Hot Search : 
G244B DS2430AV 2SB1021 SWSS0115 BD5520GU AC132 DLM5245B UESI1101
Product Description
Full Text Search
 

To Download WRB0503T-2W Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 WRB_T-3W Series
WIDE INPUT ISOLATED & REGULATED 3W SINGLE OUTPUT DC/DC CONVERTER
FEATURES
Efficiency up to 81% Operating Temperature: -40C~+85C 1500VDC Isolation UL94-V0 Package No External Component Required Industry Standard Pinout MTBF>1,000,000 hours
PRODUCT PROGRAM
Part Number WRB0503T-2W WRB0505T-3W WRB0509T-3W WRB0512T-3W WRB0515T-3W WRB1203T-2W WRB1205T-3W WRB1209T-3W WRB1212T-3W Input Voltage (VDC) Nominal Range Max Max 600 600 Output Current (mA) Min 60 60 33 25 20 60 60 33 25 20 90 60 33 25 20 90 60 33 25 20 Voltage (VDC) 3.3 5 9 12 15 3.3 5 9 12 15 3.3 5 9 12 15 3.3 5 9 12 15 Efficiency (%, Typ) 66 68 70 70 71 72 75 77 78 79 73 76 78 80 80 73 77 78 80 81
5
4.5~9
11
330 250 200 600 600
12
9~18
22
330 250 200 900 600
APPLICATIONS
The WRB_T-3W Series are specially designed for applications where a wide range input voltage power supplies are isolated from the input power supply in a distributed power supply system on a circuit board. These products apply to: 1) Where the voltage of the input power supply is wide range (voltage range: 2:1); 2) Where isolation is necessary between input and output (Isolation Voltage1500VDC); 3) Where the regulation of the output voltage and the output ripple noise are demanded.
WRB1215T-3W WRB2403T-3W WRB2405T-3W WRB2409T-3W WRB2412T-3W WRB2415T-3W WRB4803T-3W WRB4805T-3W WRB4809T-3W WRB4812T-3W WRB4815T-3W
24
18~36
40
330 250 200 900 600
48
36~72
80
330 250 200
MODEL SELECTION
ISOLATION SPECIFICATIONS
Item Isolation voltage Isolation resistance Isolation Capacitance Test conditions Flash tested for 60 seconds and 1mA Test at 500VDC Input/Output Min 1500 1000 100 Typ Max Units VDC M PF
WRB2405T-3W
Rated Power Package Style Output Voltage Input Voltage Product Series
OUTPUT SPECIFICATIONS
Item Output Power Output Voltage Accuracy Load Regulation Voltage Regulation Temperature Drift(Vout) Ripple Noise Switching Frequency Test Conditions See Below Products Program Refer To Recommended Circuit From 10% To 100% Load Input Voltage From Low To High Refer To Recommended Circuit 20MHz Bandwidth 20MHz Bandwidth 100% Load, Nominal Input Voltage Min 0.3 Typ 1 0.1 0.2 30 50 300(PFM) Max 3 3 1 0.5 0.03 50 100 Units W % %/C mVp-p KHZ
MORNSUN Science& Technology Ltd.
Address: 2th floor 6th building, Huangzhou Industrial District, Guangzhou, China Tel: 86-20-38601850 Fax: 86-20-38601272 Http://www.mornsun-power.com
Note: 1.All specifications measured at TA=25C, humidity<75%, nominal input voltage and rated output load unless otherwise specified. 2.See below recommended circuits for more details.
MORNSUN reserves the copyright
For any design change and upgrade, we will not make any prior notification
A/1-2007
Page 1 of 2
COMMON SPECIFICATIONS
Output Short Circuit Protection Temperature Rise at Full Load Cooling Operating Temperature Range Storage Temperature Range Lead Temperature*** Storage Humidity Range MTBF Note: 217 (70 sec) Continuous ,Automatic Recovery 15C (TYP) 35C(max) Free Air Convection -40C~+85C -50C ~+125C 245C Max. (10sec) 95% >1,000,000 hours
Recommended Circuit
All the WRB_T-3W Series have been tested according to the following recommended testing circuit before leaving factory. This series should be tested under load(Figure 1).
Vin Cin GND Vout
DC
DC
0V
TYPICAL CHARECTERISTICS
Temperature Derating Graph
If you want to further decrease the input/output ripple, you can increase capacitance properly or choose capacitors with low ESR. However, the capacitance should not be too high(Table 1) External Capacitor Table(Table 1)
Vin 5V&12V 24V&48V Cin 100uF 22uF Cout (0~70) 100uF (electrolytic capacitor) Cout (-40~85) 47uF (tantalum capacitor)
Recommended Reflow Soldering Profil e
Operating Temp.( C )
FOOTPRINT DETAILS
242 32 2 16151 4 3 1
P in
22,23
Fu ncti on
Vin GND +Vo 0V NC
(Top Vie w)
2,3 14 16
Input Current
Nominal input voltage range.The input current of the power supply must be sufficient to the startup current (Ip) of the DC/DC module (Figure 2)
Input Current(A)
123
9 101 1 2 1
Oth ers
OUTLINE DIMENSIONS
32.5 [1.28] 27.9 [1.10] 8.0 [0.31] 7.5 [0.30]
Ip
Input Voltage Range
22.5min [0.886] 19.2 [0.75]
20.5 [0.81] 26.4 [1.04]
(Top View)
1.5 [0.06]
19.7 [0.78]
R1.5 [R0.06]
Input Voltage (V)
No parallel connection or plug and play.
0.3 [0.01]
2.5 [0.10]
1.5 [0.06]
0.15
Note: Unit: mm(inch); Tolerance: 0.25mm.
APPLICATION NOTE
Output Load
In order to ensure the product operate efficiently and reliably, in addition to a max load (namely full load), a minimum load is specified for this kind of DC/DC converter. Make sure the specified range of input voltage is not exceeded, the minimum output load no less than 10% full load, If the actual load is less than the specified minimum load, the output ripple may increase sharply. If the actual output power is very small, please add an appropriate resistor as extra loading,or contact our company for other lower output power products.
MORNSUN reserves the copyright
For any design change and upgrade, we will not make any prior notification
A/1-2007
Page 2 of 2


▲Up To Search▲   

 
Price & Availability of WRB0503T-2W

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X